title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 700adp7b10m2qeh 2:1 1/23/2009 ST750105 b blr 1 1 p.c. mounting panel mounting without locking ring with standard locking ring pos. 1 pos. 2 switch function (on) on 1-3, 4-6 1-2, 4-5 (on) = momentary note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. plating material: silver 5. contact resistance: 20 milli-ohms max. 6. rating: 1a @250vac, 3a @ 120vac (or 28vdc) 7. life expectancy: 50,000 make-and-break cycles at full load . 8. insulation resistance: 1,000 mega-ohm min. 9. dielectric strength: 1,500 v rms @sea level. 10. seal rating: ip-67 11. operating temp.: -30c to 75c 12. denotes critical parameter. 13. 2002/95/ec (rohs) compliant. 14. hardware to be shipped bulk t100000 - hexnut - qty 2 t100011 - lockwasher - qty 1 t100015 - lockring - qty 1 4.70 [.185 in] a 18384 released for production 1/23/09 blr 3 2 1 4.83 [.190 in] n 1.85 [.073 in] (6) 3 6 1 2 3 4 5 6 .85 [.033 in] .55 [.022 in] n 6.35 [.250 in] n 6.35 [.250 in] n 2.38 [.094 in] 6.10 [.240 in] 11.43 [.450 in] 12.70 [.500 in] keyway 7.11 [.280 in] 8.80 [.346 in] .76 [.030 in] 10.40 [.409 in] 1.27 [.050 in] 4.83 [.190 in] .76 [.030 in] 4.70 [.185 in] 2.95 [.116 in] n 6.35 [.250 in] rating epoxy seal 1 3 2 nc no com 4 6 5 com nc no 1/4 - 40 uns-2a threads b 21591 bushing base was oval, now round 9/23/14 ebp b
|